PART |
Description |
Maker |
FFB2227A FMB2227A FMB2227AL99Z FMB2227ANL |
NPN & PNP Complementary Dual Transistor 500 mA, 30 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN & PNP General Purpose Amplifier
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FJX945OTF |
NPN Epitaxial Silicon Transistor; Package: SOT-323; No of Pins: 3; Container: Tape & Reel 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
KSC1675YS1TA |
10 MHz, 20 V/µs, G = 1, 2, 4, 8 iCMOS® Programmable Gain Instrumentation Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 50 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
KSC5502DTM |
NPN Triple Diffused Planar Silicon Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 2 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-252
|
Fairchild Semiconductor, Corp.
|
KSH44H11TM |
NPN Epitaxial Silicon Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 8 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-252
|
Fairchild Semiconductor, Corp.
|
KSC1674 KSC1674COTA KSC1674CYBU KSC1674CYTA KSC167 |
NPN Epitaxial Silicon Transistor TV PIF Amplifier, FM Tuner RF Amplifier, Mixer, Oscillator VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
CMLT5078E CMLT5087E CMLT5088E |
SMD Small Signal Transistor Dual PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN & PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN Low Noise Amplifier ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
|
Central Semiconductor Corp
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SFD5390 |
5 AMP NPN DRARLINGTON TRANSISTOR 120 VOLTS 2000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-33
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
KST05MTF KST06MTF |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BC546TFR BC546ABU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|